công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 125 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 125 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 121Page - Renesas Technology Corp H8S/2437 Datasheet HTML 122Page - Renesas Technology Corp H8S/2437 Datasheet HTML 123Page - Renesas Technology Corp H8S/2437 Datasheet HTML 124Page - Renesas Technology Corp H8S/2437 Datasheet HTML 125Page - Renesas Technology Corp H8S/2437 Datasheet HTML 126Page - Renesas Technology Corp H8S/2437 Datasheet HTML 127Page - Renesas Technology Corp H8S/2437 Datasheet HTML 128Page - Renesas Technology Corp H8S/2437 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 746 page
background image
Rev. 1.00, 09/03, page 87 of 704
5.6.4
Interrupt Response Times
Table 5.4 shows interrupt response times - the interval between generation of an interrupt request
and execution of the first instruction in the interrupt handling routine. The execution status
symbols used in table 5.4 are explained in table 5.5.
This LSI is capable of fast word transfer to on-chip memory, and have the program area in on-chip
ROM and the stack area in on-chip RAM, enabling high-speed processing.
Table 5.4
Interrupt Response Times
Normal Mode*
5
Advanced Mode
No.
Execution Status
Interrupt
control
mode 0
Interrupt
control
mode 2
Interrupt
control
mode 0
Interrupt
control
mode 2
1
Interrupt priority determination*
1
3
3
3
3
2
Number of wait states until executing
instruction ends*
2
1 to 19 +2·S
I
1 to 19+2·S
I
1 to 19+2·S
I
1 to 19+2·S
I
3
PC, CCR, EXR stack save
2·S
K
3·S
K
2·S
K
3·S
K
4
Vector fetch
S
I
S
I
2·S
I
2·S
I
5
Instruction fetch*
3
2·S
I
2·S
I
2·S
I
2·S
I
6
Internal processing*
4
2
2
2
2
Total (using on-chip memory)
11 to 31
12 to 32
12 to 32
13 to 33
Notes: 1. Two states in case of internal interrupt.
2. Refers to DIVXS instructions.
3. Prefetch after interrupt acceptance and interrupt handling routine prefetch.
4. Internal processing after interrupt acceptance and internal processing after vector fetch.
5. Not available in this LSI.
Table 5.5
Number of States in Interrupt Handling Routine Execution Statuses
Object of Access
External Device
8 Bit Bus
16 Bit Bus
Symbol
Internal
Memory
2-State
Access
3-State
Access
2-State
Access
3-State
Access
Instruction fetch S
I
1
4
6+2m
2
3+m
Branch address read S
J
Stack manipulation S
K
[Legend]
m: Number of wait states in an external device access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com