| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 504 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 504 Page - Renesas Technology Corp |
|
504 / 746 page ![]() Rev. 1.00, 09/03, page 466 of 704 Yes <End> [1] No Initialization Start transmission/reception [5] Error processing [3] Read receive data in RDR, and clear RDRF flag in SSR to 0 No Yes ORER = 1 All data received? [2] Read TDRE flag in SSR No Yes TDRE = 1 Write transmit data to TDR and clear TDRE flag in SSR to 0 No Yes RDRF = 1 Read ORER flag in SSR [4] Read RDRF flag in SSR Clear TE and RE bits in SCR to 0 [1] SCI initialization: The TxD pin is designated as the transmit data output pin, and the RxD pin is designated as the receive data input pin, enabling simultaneous transmit and receive operations. [2] SCI status check and transmit data write: Read SSR and check that the TDRE flag is set to 1, then write transmit data to TDR and clear the TDRE flag to 0. Transition of the TDRE flag from 0 to 1 can also be identified by a TXI interrupt. [3] Receive error processing: If a receive error occurs, read the ORER flag in SSR, and after performing the appropriate error processing, clear the ORER flag to 0. Transmission/reception cannot be resumed if the ORER flag is set to 1. [4] SCI status check and receive data read: Read SSR and check that the RDRF flag is set to 1, then read the receive data in RDR and clear the RDRF flag to 0. Transition of the RDRF flag from 0 to 1 can also be identified by an RXI interrupt. [5] Serial transmission/reception continuation procedure: To continue serial transmission/ reception, before the MSB (bit 7) of the current frame is received, finish reading the RDRF flag, reading RDR, and clearing the RDRF flag to 0. Also, before the MSB (bit 7) of the current frame is transmitted, read 1 from the TDRE flag to confirm that writing is possible. Then write data to TDR and clear the TDRE flag to 0. Note: When switching from transmit or receive operation to simultaneous transmit and receive operations, first clear the TE bit and RE bit to 0, then set both these bits to 1 simultaneously. Figure 16.20 Sample Flowchart of Simultaneous Serial Transmission and Reception |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |