công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 458 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 458 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 454Page - Renesas Technology Corp H8S/2437 Datasheet HTML 455Page - Renesas Technology Corp H8S/2437 Datasheet HTML 456Page - Renesas Technology Corp H8S/2437 Datasheet HTML 457Page - Renesas Technology Corp H8S/2437 Datasheet HTML 458Page - Renesas Technology Corp H8S/2437 Datasheet HTML 459Page - Renesas Technology Corp H8S/2437 Datasheet HTML 460Page - Renesas Technology Corp H8S/2437 Datasheet HTML 461Page - Renesas Technology Corp H8S/2437 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 746 page
background image
Rev. 1.00, 09/03, page 420 of 704
15.3
Operation
15.3.1
Watchdog Timer Mode
To use the WDT as a watchdog timer, set the WT/
IT bit and the TME bit in TCSR to 1. While the
WDT is used as a watchdog timer, if TCNT overflows without being rewritten because of a
system malfunction or another error, an internal reset or NMI interrupt request is generated. TCNT
does not overflow while the system is operating normally. Software must prevent TCNT
overflows by rewriting the TCNT value (normally writing H'00) before overflows occurs.
If the RST/
NMI bit in TCSR is set to 1, when the TCNT overflows, an internal reset signal for this
LSI is issued for 518 system clocks as shown in figure 15.2. If the RST/
NMI bit is cleared to 0,
when the TCNT overflows, an NMI interrupt request is generated.
An internal reset request from the watchdog timer and a reset input from the
RES pin are
processed in the same vector. A reset source can be identified by the state of the XRST bit in
SYSCR. If a reset caused by a signal input to the
RES pin occurs at the same time as a reset
caused by a WDT overflow, the
RES pin reset has priority and the XRST bit in SYSCR is set to 1.
An NMI interrupt request from the watchdog timer and an interrupt request from the NMI pin are
processed in the same vector. Do not handle an NMI interrupt request from the watchdog timer
and an interrupt request from the NMI pin at the same time.
TCNT value
H'00
Time
H'FF
WT/
= 1
TME = 1
Write H'00 to
TCNT
WT/
= 1
TME = 1
Write H'00 to
TCNT
518 system clocks
Internal reset signal
WT/ :
TME:
OVF:
Overflow
OVF = 1*
Timer mode select bit
Timer enable bit
Overflow flag
Note: * After the OVF bit becomes 1, it is cleared to 0 by an internal reset.
The XRST bit is also cleared to 0.
[Legend]
Figure 15.2 Watchdog Timer Mode (RST/
NMI
NMI
NMI
NMI = 1) Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com