công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 427 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 427 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 423Page - Renesas Technology Corp H8S/2437 Datasheet HTML 424Page - Renesas Technology Corp H8S/2437 Datasheet HTML 425Page - Renesas Technology Corp H8S/2437 Datasheet HTML 426Page - Renesas Technology Corp H8S/2437 Datasheet HTML 427Page - Renesas Technology Corp H8S/2437 Datasheet HTML 428Page - Renesas Technology Corp H8S/2437 Datasheet HTML 429Page - Renesas Technology Corp H8S/2437 Datasheet HTML 430Page - Renesas Technology Corp H8S/2437 Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 746 page
background image
Rev. 1.00, 09/03, page 389 of 704
IHI signal
(without 2fH
modification)
IHI signal
(with 2fH
modification)
Mask interval
ICRD + OCRDM
× 2
ICRD + OCRDM
FRC
ICRD
Figure 13.11 2fH Modification Timing Chart
13.4.5
IVI Signal Fall Modification and IHI Synchronization
By using the timer connection and TMR1, the fall of the IVI signal can be shifted backward by the
specified number of IHI signal waveforms. Also, the fall of the IVI signal can be synchronized
with the rise of the IHI signal. Figure 13.12 shows a block diagram for IVI signal fall modification
and IHI signal operation.
To measure of the 8-bit timer divided waveform period, TCNT of the TMR1 is set to count
external clock (IHI signal) pulses, and to be cleared on the rising edge of the external reset signal
(inverse of the IVI signal). The number of IHI signal pulses until the fall of the IVI signal is
written to TOCRB.
Since the IVI signal supplied to the IVO signal selection circuit is normally set on the rise of the
IVI signal and reset on the fall, its waveform is the same as that of the original IVI signal. When
fall modification is selected, a reset is performed on a TCORB compare-match of the TMR1.
The fall of the waveform generated in this way can be synchronized with the rise of the IHI signal,
regardless of whether or not fall modification is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com