công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 370 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 370 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 366Page - Renesas Technology Corp H8S/2437 Datasheet HTML 367Page - Renesas Technology Corp H8S/2437 Datasheet HTML 368Page - Renesas Technology Corp H8S/2437 Datasheet HTML 369Page - Renesas Technology Corp H8S/2437 Datasheet HTML 370Page - Renesas Technology Corp H8S/2437 Datasheet HTML 371Page - Renesas Technology Corp H8S/2437 Datasheet HTML 372Page - Renesas Technology Corp H8S/2437 Datasheet HTML 373Page - Renesas Technology Corp H8S/2437 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 746 page
background image
Rev. 1.00, 09/03, page 332 of 704
12.5.2
Synchronous Operation
In synchronous operation, the values in a number of TCNT counters can be rewritten
simultaneously (synchronous presetting). Also, a number of TCNT counters can be cleared
simultaneously by making the appropriate setting in TCR (synchronous clearing). Synchronous
operation enables TGR to be incremented with respect to a single time base. Channels 0 to 2 can
all be designated for synchronous operation.
Example of Synchronous Operation Setting Procedure:
Figure 12.14 shows an example of the synchronous operation setting procedure.
No
Yes
Synchronous operation
selection
Set synchronous
operation
Synchronous presetting
Set TCNT
<Synchronous presetting>
<Counter clearing>
<Synchronous clearing>
Synchronous clearing
Clearing
source generation
channel?
Select counter
clearing source
Start counting
Set synchronous
counter clearing
Start counting
Set 1 to the SYNC bits in TSYR corresponding to the channels to be designated for synchronous
operation.
When TCNT of any of the channels designated for synchronous operation is
written to, the same value is simultaneously written to the other TCNT.
Use bits CCLR2 to CCLR0 in TCR to specify TCNT clearing by input capture/output compare,
etc.
Use bits CCLR2 to CCLR0 in TCR to designate synchronous clearing for the counter clearing
source.
Set 1 to the CST bits in TSTR for the relevant channels, to start the count operation.
[1]
[2]
[3]
[4]
[5]
[1]
[3]
[5]
[4]
[5]
[2]
Figure 12.14 Example of Synchronous Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com