công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 359 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 359 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 355Page - Renesas Technology Corp H8S/2437 Datasheet HTML 356Page - Renesas Technology Corp H8S/2437 Datasheet HTML 357Page - Renesas Technology Corp H8S/2437 Datasheet HTML 358Page - Renesas Technology Corp H8S/2437 Datasheet HTML 359Page - Renesas Technology Corp H8S/2437 Datasheet HTML 360Page - Renesas Technology Corp H8S/2437 Datasheet HTML 361Page - Renesas Technology Corp H8S/2437 Datasheet HTML 362Page - Renesas Technology Corp H8S/2437 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 746 page
background image
Rev. 1.00, 09/03, page 321 of 704
Bit
Bit Name Initial Value
R/W
Description
4
TCFV
0
R/(W)* Overflow Flag
Status flag that indicates that TCNT overflow has
occurred.
[Setting condition]
When the TCNT value overflows (change from H'FFFF to
H'0000)
[Clearing condition]
When 0 is written to TCFV after reading TCFV = 1
3
TGFD
0
R/(W)* Input Capture/Output Compare Flag D
Status flag that indicates the occurrence of TGRD input
capture or compare match in channel 0. In channels 1 and
2, bit 3 is reserved. It is always read as 0 and cannot be
modified.
[Setting conditions]
• When TCNT = TGRD while TGRD is functioning as
output compare register
• When TCNT value is transferred to TGRD by input
capture signal while TGRD is functioning as input
capture register
[Clearing condition]
• When 0 is written to TGFD after reading TGFD = 1
2
TGFC
0
R/(W)* Input Capture/Output Compare Flag C
Status flag that indicates the occurrence of TGRC input
capture or compare match in channel 0. In channels 1 and
2, bit 2 is reserved. It is always read as 0 and cannot be
modified.
[Setting conditions]
• When TCNT = TGRC while TGRC is functioning as
output compare register
• When TCNT value is transferred to TGRC by input
capture signal while TGRC is functioning as input
capture register
[Clearing condition]
• When 0 is written to TGFC after reading TGFC = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com