công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K02FD bảng dữ liệu(PDF) 98 Page - Renesas Technology Corp

tên linh kiện M38K02FD
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD bảng dữ liệu(HTML) 98 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 94Page - Renesas Technology Corp M38K02FD Datasheet HTML 95Page - Renesas Technology Corp M38K02FD Datasheet HTML 96Page - Renesas Technology Corp M38K02FD Datasheet HTML 97Page - Renesas Technology Corp M38K02FD Datasheet HTML 98Page - Renesas Technology Corp M38K02FD Datasheet HTML 99Page - Renesas Technology Corp M38K02FD Datasheet HTML 100Page - Renesas Technology Corp M38K02FD Datasheet HTML 101Page - Renesas Technology Corp M38K02FD Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 81 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 115 State transitions of clock
Notes
Reset
CM6
“0”
←→“1”
XIN 8-divide mode
f(
φ) = 0.75 MHz
CM7 = 0
CM6 = 0
CM5 = 0
PLLCON [4:3] = 00
1 : Switch the mode by the allows shown between the mode blocks. (Do not switch between the modes directly
without an allow.)
2 : Set the USB clock (fUSB) to 48 MHz when switching the system clock to fSYN.
3 : Do not change a division ratio of USB clock when using fSYN as the system clock.
4 : See section “PLL CIRCUIT” in details for enabling/disabling PLL operation and usage notes of fSYN.
5 : Set the system clock to XIN when entering STOP mode.
6 : In all modes, switching to WAIT mode is possible. When it is released, the MCU returns to the original mode. In
WAIT mode the timers can operate.
Remarks : This diagram assumes that the 6 MHz signals are applied to XIN pin.
XIN 4-divide mode
f(
φ) = 1.5 MHz
CM7 = 0
CM6 = 0
CM5 = 0
PLLCON [4:3] = xx
(arbitrary)
XIN 2-divide mode
f(
φ) = 3.0 MHz
CM7 = 1
CM6 = 0
CM5 = 0
PLLCON [4:3] = xx
(arbitrary)
CM6
“0”
←→“1”
XIN through mode
f(
φ) = 1.5 MHz
CM7 = 0
CM6 = 0
CM5 = 0
PLLCON [4:3] = xx
(arbitrary)
f(SYN) 2-divide mode
f(
φ) = 6.0 MHz
CM7 = 1
CM6 = 0
CM5 = 1
PLLCON [4:3] = 10
CM6
“0”
←→“1”
f(SYN) through mode
f(
φ) = 12.0 MHz
CM7 = 1
CM6 = 1
CM5 = 1
PLLCON [4:3] = 10
Under planning
f(SYN) through mode
f(
φ) = 6.0 MHz
CM7 = 1
CM6 = 1
CM5 = 1
PLLCON [4:3] = 00
f(SYN) through mode
f(
φ) = 8.0 MHz
CM7 = 1
CM6 = 1
CM5 = 1
PLLCON [4:3] = 01
Note:
Set PLLCON [4:3] = 10 before
switching the system clock from XIN
to fSYN.
CM5
“0”
←→“1”
CM6
“0”
←→“1”
Note:
Set PLLCON [4:3] = 00 before switching
the system clock from XIN to fSYN.
CM5
“0”
←→“1”
CM6
“0”
←→“1”
Note:
Set PLLCON [4:3] = 01 before switching
the system clock from XIN to fSYN.
CM5
“0”
←→“1”
CM5
“0”
←→“1”
Note:
Set PLLCON [4:3] = 00 before switching
the system clock from XIN to fSYN.
Note:
Set PLLCON [4:3] = 01 before switching
the system clock from XIN to fSYN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com