công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K02FD bảng dữ liệu(PDF) 78 Page - Renesas Technology Corp

tên linh kiện M38K02FD
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD bảng dữ liệu(HTML) 78 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 74Page - Renesas Technology Corp M38K02FD Datasheet HTML 75Page - Renesas Technology Corp M38K02FD Datasheet HTML 76Page - Renesas Technology Corp M38K02FD Datasheet HTML 77Page - Renesas Technology Corp M38K02FD Datasheet HTML 78Page - Renesas Technology Corp M38K02FD Datasheet HTML 79Page - Renesas Technology Corp M38K02FD Datasheet HTML 80Page - Renesas Technology Corp M38K02FD Datasheet HTML 81Page - Renesas Technology Corp M38K02FD Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 61 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
b7
b0
EXB_CTR
INT_CTR
[2:0]
A1_CTR
b7:b5
Index = 0016 : External I/O configuration register (EXBCFGL) [address 003416]
0
0
0
–
–
–
–
–
000
Bit name
Bit symbol
At reset
Function
H/W
S/W
0 : Port
1 : EXB function pin
Selects a signal of P33/ExINT pin.
ON/OFF is programmed by each bit. An output logical
sum of P33/ExINT pins set for ON are performed and it
is output as an “L” active signal.
b3b2b1
0 0 1 : RxB_RDY (RxBuf ready) output
0 1 0 : TxB_RDY (TxBuf ready) output
1 0 0 : Mch_req (Memory channel request) output
Others : Do not set.
0 : Port
1 : A1 input (used to read status)
Write “0” when writing.
“0” is read when reading.
EXB pin control bit
(Pins P10 to P17, P30 to P34)
P33/ExINT pin control bit
P43/ExA1 pin control bit
Not used
O
O
O
O
O
O
O
O
–: State remaining
W
R
Fig. 84 Index00[low]; Structure of External I/O configuration register
Fig. 85 Index00[high]; Structure of External I/O configuration register
b7
b0
DRQ_CTR
[1:0]
DAK_CTR
[1:0]
TC_CTR
b7:b5
Index = 0016 : External I/O configuration register (EXBCFGH) [address 003516]
0
0
0
–
–
–
–
–
000
Bit name
Bit symbol
At reset
Function
H/W
S/W
b1b0
0 0 : Port
0 1 : Do not set.
1 0 : ExDREQ function; RxB_RDY (RxBuf ready) output
1 1 : ExDREQ function; Mch_req (Memory channel
request) output
Specifies P41/ExDACK/TxD pin function.
Selects which mode; requiring read or write signal, or
not requiring it for use of DMA acknowledge function.
b3b2
0 0 : Port
0 1 : Do not set.
1 0 : ExDACK function; DMA acknowledge input
(Mode for read and write signals used together)
1 1 :ExDACK function; DMA acknowledge input
(Mode for read and write signals not required)
0 : Port
1 : ExTC (terminal count) input
Write “0” when writing.
“0” is read when reading.
P40/ExDREQ/RxD pin control
bit
P41/ExDACK/TxD pin control
bit
P42/ExTC/SCLK pin control bit
Not used
O
O
O
O
O
O
O
O
–: State remaining
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com