| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38K02FD bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K02FD bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp |
|
16 / 328 page ![]() Rev.2.00 Oct 05, 2006 page 12 of 13 38K0 Group REJ09B0337-0200 List of tables CHAPTER 1 HARDWARE Table 1 Pin description ................................................................................................................... 4 Table 2 List of 38K0 group products (L version) ....................................................................... 6 Table 3 Push and pop instructions of accumulator or processor status register .................. 8 Table 4 Set and clear instructions of each bit of processor status register .......................... 9 Table 5 I/O ports functions .......................................................................................................... 13 Table 6 Interrupt vector addresses and priority ........................................................................ 17 Table 7 USB interrupt sources .................................................................................................... 30 Table 8 Summary of 38K0 group’s flash memory version ...................................................... 82 Table 9 List of software commands (CPU rewrite mode) ....................................................... 87 Table 10 Definition of each bit in status register ..................................................................... 89 Table 11 Description of pin function (Standard Serial I/O Mode) .......................................... 95 Table 12 Software commands (Standard serial I/O mode) ..................................................... 97 Table 13 Status register (SRD) ................................................................................................. 104 Table 14 Status register 1 (SRD1) ........................................................................................... 104 Table 15 Relative formula for a reference voltage VREF of A/D converter and Vref ...... 111 Table 16 Change of AD conversion register during A/D conversion ................................... 111 CHAPTER 2 APPLICATION Table 2.1.1 Handling of unused pins ............................................................................................. 5 Table 2.2.1 Interrupt sources, vector addresses and priority of 38K0 group ......................... 11 Table 2.2.2 List of interrupt bits according to interrupt source ................................................ 16 Table 2.3.1 CNTR0 active edge selection bit function ............................................................... 25 Table 2.4.1 Setting examples of Baud rate generator values and transfer bit rate values . 61 Table 2.10.1 PLL operation mode selection bits setting example ........................................... 85 Table 2.10.2 USB clock division ratio selection bits setting example ..................................... 86 Table 2.11.1 Example of internal clock f(f) generation using main clock f(XIN) ..................... 91 Table 2.11.2 Example of internal clock f(f) generation using fSYN ........................................ 92 Table 2.12.1 State in stop mode .................................................................................................. 95 Table 2.12.2 State in wait mode ................................................................................................... 99 Table 2.13.1 Setting of programmers when parallel programming ........................................ 104 Table 2.13.2 Connection example to flash programmer when serial programming (4 wires) .. ................................................................................................................................ 104 Table 2.13.3 Setting condition in serial I/O mode .................................................................. 106 List of tables |