công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K02FD bảng dữ liệu(PDF) 102 Page - Renesas Technology Corp

tên linh kiện M38K02FD
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD bảng dữ liệu(HTML) 102 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 98Page - Renesas Technology Corp M38K02FD Datasheet HTML 99Page - Renesas Technology Corp M38K02FD Datasheet HTML 100Page - Renesas Technology Corp M38K02FD Datasheet HTML 101Page - Renesas Technology Corp M38K02FD Datasheet HTML 102Page - Renesas Technology Corp M38K02FD Datasheet HTML 103Page - Renesas Technology Corp M38K02FD Datasheet HTML 104Page - Renesas Technology Corp M38K02FD Datasheet HTML 105Page - Renesas Technology Corp M38K02FD Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 85 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 118 CPU rewrite mode set/release flowchart
End
Start
Execute read array command or reset flash
memory by setting flash memory reset bit (by
writing “1” and then “0” in succession) (Note 3)
Single-chip mode or Boot mode (Note 1)
Set CPU mode register (Note 2)
Using software command execute erase,
program, or other operation
Jump to control program transferred in memory
other than internal flash memory
(Subsequent operations are executed by control
program in this memory)
Transfer CPU rewrite mode control program to
memory other than internal flash memory
Notes1: When starting the MCU in the single-chip mode or memory expansion mode, supply
4.5 V to 5.25 V to the CNVss pin until checking the CPU rewrite mode entry flag.
2: Set the system clock division ration selection bits of CPU mode register (bits 6 and
7 at address 003B16).
3: Before exiting the CPU rewrite mode after completing erase or program operation,
always be sure to execute the read array command or reset the flash memory.
Write “0” to CPU rewrite mode select bit
Set CPU rewrite mode select bit to “1” (by
writing “0” and then “1” in succession)
Check CPU rewrite mode entry flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com