| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 293 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 293 Page - Renesas Technology Corp |
|
293 / 715 page ![]() Table 9-16 Port B Pin Functions (cont) Pin Pin Functions and Selection Method PB0/TP8/TIOCA3 ITU channel 3 settings (bit CMD1 in TFCR, bit EA3 in TOER, bit PWM3 in TMDR, and bits IOA2 to IOA0 in TIOR3), bit NDER8 in NDERB, and bit PB0DDR in PBDDR select the pin function as follows ITU channel 3 settings 1 in table below 2 in table below PB0DDR — 0 1 1 NDER8 — — 0 1 Pin function TIOCA3 output PB0 PB0 TP8 input output output TIOCA3 input* Note: * TIOCA3 input when CMD1 = PWM3 = 0 and IOA2 = 1. ITU channel 3 settings 22 1 2 1 EA3 0 1 CMD1 — 0 1 PWM3 — 0 1 — IOA2 — 0001 — — IOA1 — 0 0 1 — — — IOA0 — 0 1 — — — — 275 |