| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 297 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 297 Page - Renesas Technology Corp |
|
297 / 715 page ![]() Table 9-18 Port C Pin Functions (cont) Pin Pin Functions and Selection Method PC4/TEND3/CS6 DMAC channel 3 settings (bits DTS2/1/0A and DTS2/1/0B in DTCR3A and DTCR3B) and bit PC4DDR in PCDDR select the pin function as follows DMAC channel 3 settings 1 in table below 2 in table below 3 in table below PC4DDR — 0 1 — Pin function TEND3 output PC4 input CS6 output Not usable DMAC channel 3 settings 21 2 3 1 2 1 DTS2A, DTS1A Not both 1 Both 1 DTS0A — 00111 DTS2B 01101011 DTS1B — 0 1 — 0 1 — 0 1 PC3/DREQ2/CS5 DMAC channel 2 settings (bits DTS2/1/0A and DTS2/1/0B in DTCR2A and DTCR2B) and bit PC3DDR in PCDDR select the pin function as follows PC3DDR 0 1 Pin function PC3 input CS5 output DREQ2 input* Note: * DREQ2 input under DMAC channel 2 settings 1 in the table below. DMAC channel 2 settings 21 2 121 DTS2A, DTS1A Not both 1 Both 1 DTS0A — 00111 DTS2B 01101011 DTS1B — 0 1 — — — 0 1 279 |