| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp |
|
15 / 715 page ![]() Appendix A Instruction Set ............................................................................................ 553 A.1 Instruction List................................................................................................................ 553 A.2 Operation Code Map....................................................................................................... 568 A.3 Number of States Required for Execution...................................................................... 571 Appendix B Register Field ............................................................................................. 580 B.1 Register Addresses and Bit Names................................................................................. 580 B.2 Register Descriptions...................................................................................................... 589 Appendix C I/O Port Block Diagrams ........................................................................ 668 C.1 Port 4 Block Diagram ..................................................................................................... 668 C.2 Port 5 Block Diagram ..................................................................................................... 669 C.3 Port 6 Block Diagrams.................................................................................................... 670 C.4 Port 7 Block Diagram ..................................................................................................... 673 C.5 Port 8 Block Diagrams.................................................................................................... 674 C.6 Port 9 Block Diagrams.................................................................................................... 677 C.7 Port A Block Diagrams................................................................................................... 680 C.8 Port B Block Diagrams ................................................................................................... 683 C.9 Port C Block Diagrams ................................................................................................... 687 Appendix D Pin States ..................................................................................................... 691 D.1 Port States in Each Mode................................................................................................ 691 D.2 Pin States at Reset........................................................................................................... 693 Appendix E Timing of Transition to and Recovery from Hardware Standby Mode.............................................................. 696 Appendix F Package Dimensions ................................................................................ 697 |