| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 289 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 289 Page - Renesas Technology Corp |
|
289 / 715 page ![]() Table 9-16 Port B Pin Functions (cont) Pin Pin Functions and Selection Method PB6/TP14/DREQ0 DMAC channel 0 settings (bits DTS2/1/0A and DTS2/1/0B in DTCR0A and DTCR0B), bit NDER14 in NDERB, and bit PB6DDR in PBDDR select the pin function as follows PB6DDR 0 1 1 NDER14 — 0 1 Pin function PB6 input PB6 output TP14 output DREQ0 input* Note: * DREQ0 input under DMAC channel 0 settings 1 in the table below. DMAC channel 0 settings 2 121221 DTS2A, DTS1A Not both 1 Both 1 DTS0A — 00111 DTS2B 01101011 DTS1B — 0 1 — — — 0 1 PB5/TP13/TOCXB4 ITU channel 4 settings (bit CMD1 in TFCR and bit EXB4 in TOER), bit NDER13 in NDERB, and bit PB5DDR in PBDDR select the pin function as follows EXB4, CMD1 Not both 1 Both 1 PB5DDR 0 1 1 — NDER13 — 0 1 — Pin function PB5 PB5 TP13 TOCXB4 output input output output PB4/TP12/TOCXA4 ITU channel 4 settings (bit CMD1 in TFCR and bit EXA4 in TOER), bit NDER12 in NDERB, and bit PB4DDR in PBDDR select the pin function as follows EXA4, CMD1 Not both 1 Both 1 PB4DDR 0 1 1 — NDER12 — 0 1 — Pin function PB4 PB4 TP12 TOCXA4 output input output output 271 |