| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 292 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 292 Page - Renesas Technology Corp |
|
292 / 715 page ![]() Table 9-16 Port B Pin Functions (cont) Pin Pin Functions and Selection Method PB1/TP9/TIOCB3 ITU channel 3 settings (bit PWM3 in TMDR, bit CMD1 in TFCR, bit EB3 in TOER, and bits IOB2 to IOB0 in TIOR3), bit NDER9 in NDERB, and bit PB1DDR in PBDDR select the pin function as follows ITU channel 3 settings 1 in table below 2 in table below PB1DDR — 0 1 1 NDER9 — — 0 1 Pin function TIOCB3 output PB1 PB1 TP9 input output output TIOCB3 input* Note: * TIOCB3 input when CMD1 = PWM3 = 0 and IOB2 = 1. ITU channel 3 settings 2 212 1 EB3 0 1 CMD1 — 0 1 IOB2 — 0001 — IOB1 — 0 0 1 — — IOB0 — 0 1 — — — 274 |