| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7220 bảng dữ liệu(PDF) 265 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 bảng dữ liệu(HTML) 265 Page - Renesas Technology Corp |
|
265 / 303 page ![]() APPENDIX 6.7 Control registers 7220 Group User’s Manual 6-46 Fig. 6.7.24 Timer 12 mode register Address 00F416 b7 b6 b5 b4 b3 b2 b1 b0 Timer 12 mode register (T12M) [Address 00F416] B After reset W Timer 12 Mode Register 0 1 2 3 4 5 0 Name Functions Timer 1 count source selection bit (T12M0) 0: f(XIN)/16 1: f(XIN)/4096 Timer 2 count source selection bit (T12M1) 0: Internal clock 1: External clock from P24/TIM2 pin Timer 1 count stop bit (T12M2) 0: Count start 1: Count stop Timer 2 count stop bit (T12M3) 0: Count start 1: Count stop Timer 2 internal count source selection bit (T12M4) 0: f(XIN)/16 1: Timer 1 overflow Fix this bit to “0.” R 0 0 0 0 0 0 6,7 0 Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” W R W R W R W R W R W R — R |