| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7220 bảng dữ liệu(PDF) 261 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 bảng dữ liệu(HTML) 261 Page - Renesas Technology Corp |
|
261 / 303 page ![]() APPENDIX 6.7 Control registers 7220 Group User’s Manual 6-42 Fig. 6.7.19 CRT control register b7 b6 b5 b4 b3 b2 b1 b0 CRT control register (CC) [Address 00EA16] B Name Functions After reset R W CRT Control Register 0 All-blocks display control bit (Note 1) (CC0) 0 : All-blocks display off 1 : All-blocks display on 0 1 Block 1 display control bit (CC1) 0 : Block 1 display off 1 : Block 1 display on 0 2 0 : Block 2 display off 1 : Block 2 display on 0 3 to 6 0 7P10/OUT2 pin switch bit (CC7) 0 Notes 1: Display is controlled by logical product (AND) between the all-blocks display control bit and each block control bit. Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” Block 2 display control bit (CC2) RW RW RW R— RW 0 : P10 1 : OUT2 7 0 Nothing is assigned. This bit is a write disable bit. When this bit is read out, the value is “0.” 2 : M37220M3-XXXSP/FP (See note 2) R— Address 00EA16 |