| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7220 bảng dữ liệu(PDF) 262 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 bảng dữ liệu(HTML) 262 Page - Renesas Technology Corp |
|
262 / 303 page ![]() 7220 Group User’s Manual APPENDIX 6.7 Control registers 6-43 b7 b6 b5 b4 b3 b2 b1 b0 CRT port control register (CRTP) [Address 00EC16] B Name Functions After reset R W CRT Port Control Register 0HSYNC input polarity switch bit (HSYC) 0 : Positive polarity 1 : Negative polarity 0 1 0 : Positive polarity 1 : Negative polarity 0 2 R, G, B output polarity switch bit (R/G/B) 0 : Positive polarity 1 : Negative polarity 0 3 OUT2 output polarity switch bit (OUT2) 0 : Positive polarity 1 : Negative polarity 0 5 R signal output switch bit (OP5) 0 : R signal output 1 : MUTE signal output 0 6 G signal output switch bit (OP6) 0 : G signal output 1 : MUTE signal output 0 7 B signal output switch bit (OP7) 0 : B signal output 1 : MUTE signal output 0 VSYNC input polarity switch bit (VSYC) RW RW RW RW 4 OUT1 output polarity switch bit (OUT1) 0 : Positive polarity 1 : Negative polarity 0R W RW RW RW Note : M37220M3-XXXSP/FP (See note) 3 Nothing is assigned. This bit is a write disable bit. When this bit is read out, the value is “0.” 0 R— 4 OUT output polarity switch bit (OUT) 0 : Positive polarity 1 : Negative polarity 0R W Fig. 6.7.20 CRT port control register Address 00EC16 |