| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7721 bảng dữ liệu(PDF) 313 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 bảng dữ liệu(HTML) 313 Page - Renesas Technology Corp |
|
313 / 1524 page ![]() Section 8 Interrupt Controller (INTC) Rev. 3.00 Jan. 18, 2008 Page 251 of 1458 REJ09B0033-0300 Bit Bit Name Initial Value R/W Description IRQn Sense Select These bits select whether interrupt request signals corresponding to pins IRQ5 to IRQ0 are detected by a rising edge, falling edge, high level, or low level. Bit 2n + 1 Bit 2n IRQn1S IRQn0S 0 0 Interrupt request is detected on falling edge of IRQn input 0 1 Interrupt request is detected on rising edge of IRQn input 1 0 Interrupt request is detected on low level of IRQn input 1 1 Interrupt request is detected on high level of IRQn input 11 10 9 8 7 6 5 4 3 2 1 0 IRQ51S IRQ50S IRQ41S IRQ40S IRQ31S IRQ30S IRQ21S IRQ20S IRQ11S IRQ10S IRQ01S IRQ00S 0 0 0 0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W [Legend] n= 0 to 5 |