| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7721 bảng dữ liệu(PDF) 291 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 bảng dữ liệu(HTML) 291 Page - Renesas Technology Corp |
|
291 / 1524 page ![]() Section 7 Exception Handling Rev. 3.00 Jan. 18, 2008 Page 229 of 1458 REJ09B0033-0300 (3) Illegal slot instruction • Conditions When undefined code in a delay slot is decoded Delayed branch instructions: JMP, JSR, BRA, BRAF, BSR, BSRF, RTS, RTE, BT/S, BF/S When a privileged instruction in a delay slot is decoded in user mode Privileged instructions: LDC, STC, RTE, LDTLB, SLEEP; instructions that access GBR with LDC/STC are not privileged instructions. When an instruction that rewrites PC in a delay slot is decoded Instructions that rewrite PC: JMP, JSR, BRA, BRAF, BSR, BSRF, RTS, RTE, BT, BF, BT/S, BF/S, TRAPA, LDC Rm, SR, LDC.L @Rm+, SR • Types Instruction synchronous, re-execution type • Save address A delayed branch instruction address • Exception code H'1A0 • Remarks None (4) Unconditional trap • Conditions TRAPA instruction executed • Types Instruction synchronous, processing-completion type • Save address An address of an instruction following TRAPA • Exception code H'160 • Remarks The exception is a processing-completion type, so an instruction after the TRAPA instruction is saved to SPC. The 8-bit immediate value in the TRAPA instruction is set in TRA[9:2]. |