| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7721 bảng dữ liệu(PDF) 464 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 bảng dữ liệu(HTML) 464 Page - Renesas Technology Corp |
|
464 / 1524 page ![]() Section 9 Bus State Controller (BSC) Rev. 3.00 Jan. 18, 2008 Page 402 of 1458 REJ09B0033-0300 signal or other bus control signals. The states that do not allow bus mastership release are shown below. 1. 16-byte transfer because of a cache miss 2. During copyback operation for the cache 3. Between the read and write cycles of a TAS instruction 4. Multiple bus cycles generated when the data bus width is smaller than the access size (for example, between bus cycles when longword access is made to a memory with a data bus width of 8 bits) 5. 16-byte transfer by the DMAC or USBH 6. Setting the BLOCK bit in CMNCR to 1 7. 16 to 128-byte transfer by LCDC 8. Transfer by USBH Bits DPRTY[1:0] in CMNCR can select whether or not the bus request is received during DMAC burst transfer. This LSI has the bus mastership until a bus request is received from another device. Upon acknowledging the assertion (low level) of the external bus request signal BREQ, the LSI releases the bus at the completion of the current bus cycle and asserts the BACK signal. After the LSI acknowledges the negation (high level) of the BREQ signal that indicates the slave has released the bus, it negates the BACK signal and resumes the bus usage. The SDRAM issues an all bank precharge command (PALL) when active banks exist and releases the bus after completion of a PALL command. The bus sequence is as follows. The address bus and data bus are placed in a high-impedance state synchronized with the rising edge of CKIO. The bus mastership enable signal is asserted 0.5 cycles after the above timing, synchronized with the falling edge of CKIO. The bus control signals ( BS, CSn, RAS, CAS, DQMxx, WEn (BEn), RD, and RD/WR) are placed in the high-impedance state at subsequent rising edges of CKIO. Bus request signals are sampled at the falling edge of CKIO. The sequence for reclaiming the bus mastership from a slave is described below. 1.5 cycles after the negation of BREQ is detected at the falling edge of CKIO, the bus control signals are driven high. The BACK is negated at the next falling edge of the clock. The fastest timing at which actual bus cycles can be resumed after bus control signal assertion is at the rising edge of the CKIO where address and data signals are driven. Figure 9.45 shows the bus arbitration timing. In an original slave device designed by the user, multiple bus accesses are generated continuously to reduce the overhead caused by bus arbitration. In this case, to execute SDRAM refresh |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |