công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7721 bảng dữ liệu(PDF) 408 Page - Renesas Technology Corp

tên linh kiện SH7721
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 bảng dữ liệu(HTML) 408 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 404Page - Renesas Technology Corp SH7721 Datasheet HTML 405Page - Renesas Technology Corp SH7721 Datasheet HTML 406Page - Renesas Technology Corp SH7721 Datasheet HTML 407Page - Renesas Technology Corp SH7721 Datasheet HTML 408Page - Renesas Technology Corp SH7721 Datasheet HTML 409Page - Renesas Technology Corp SH7721 Datasheet HTML 410Page - Renesas Technology Corp SH7721 Datasheet HTML 411Page - Renesas Technology Corp SH7721 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 346 of 1458
REJ09B0033-0300
9.5.5
SDRAM Interface
(1)
SDRAM Direct Connection
The SDRAM that can be connected to this LSI is a product that has 11/12/13 bits of row address,
8/9/10 bits of column address, 4 or less banks, and uses the A10 pin for setting precharge mode in
read and write command cycles.
The control signals for direct connection of SDRAM are
RAS, CAS, RD/WR, DQMUU,
DQMUL, DQMLU, DQMLL, CKE,
CS2, and CS3. All the signals other than CS2 and CS3 are
common to all areas, and signals other than CKE are valid when
CS2 or CS3 is asserted. SDRAM
can be connected to up to 2 spaces. The data bus width of the area that is connected to SDRAM
can be set to 32 or 16 bits.
Burst read/single write (burst length 1) and burst read/burst write (burst length 1) are supported as
the SDRAM operating mode.
Commands for SDRAM can be specified by
RAS, CAS, RD/WR, and specific address signals.
These commands are shown below.
• NOP
• Auto-refresh (REF)
• Self-refresh (SELF)
• All banks precharge (PALL)
• Specified bank precharge (PRE)
• Bank active (ACTV)
• Read (READ)
• Read with precharge (READA)
• Write (WRIT)
• Write with precharge (WRITA)
• Write mode register (MRS)
The byte to be accessed is specified by DQMUU, DQMUL, DQMLU, and DQMLL. Reading or
writing is performed for a byte whose corresponding DQMxx is low. For details on the
relationship between DQMxx and the byte to be accessed, refer to section 9.5.1, Endian/Access
Size and Data Alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com