| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/62A bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62A bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp |
|
12 / 615 page ![]() 4.3 Connection Examples ............................................................................................................. 2-226 4.3.1 16-bit Memory to 16-bit Width Data Bus Connection Example ........................................ 2-226 4.3.2 8-bit Memory to 16-bit Width Data Bus Connection Example .......................................... 2-227 4.3.3 8-bit Memory to 8-bit Width Data Bus Connection Example ........................................... 2-229 4.3.4 Two 8-bit and 16-Bit Memory to 16-Bit Width Data Bus Connection Example ................ 2-230 4.3.5 Chip Selects and Address Bus ........................................................................................ 2-231 4.4 Connectable Memories ........................................................................................................... 2-232 4.4.1 Operation Frequency and Access Time .......................................................................... 2-232 4.4.2 Connecting Low-Speed Memory ..................................................................................... 2-236 4.4.3 Connectable Memories .................................................................................................... 2-240 __________ _________ 4.5 Releasing an External Bus (HOLD input and HLDA output) ................................................... 2-241 4.6 Precautions for External Bus .................................................................................................. 2-242 Chapter 5 External ROM Version _____________________________ 5.1 Pin Configuration .................................................................................................................... 2-245 5.2 Pin Description ........................................................................................................................ 2-247 5.3 Memory Map ........................................................................................................................... 2-249 5.4 Processor Mode ...................................................................................................................... 2-253 |