công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 999 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 999 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 995Page - Renesas Technology Corp H8S/2114R Datasheet HTML 996Page - Renesas Technology Corp H8S/2114R Datasheet HTML 997Page - Renesas Technology Corp H8S/2114R Datasheet HTML 998Page - Renesas Technology Corp H8S/2114R Datasheet HTML 999Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1000Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1001Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1002Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1003Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 999 / 1038 page
background image
Section 26 Electrical Characteristics
Rev. 3.00 Jul. 14, 2005 Page 951 of 986
REJ09B0098-0300
Notes:
1.
Do not leave the AVCC, AVref, and AVSS pins open even if the A/D converter is not used.
Even if the A/D converter is not used, apply a value in the range from 3.0 V to 3.6 V to the AVCC
and AVref pins by connection to the power supply (V
CC). The relationship between these two pins
should be AVref
≤ AV
CC.
2.
Includes peripheral module inputs multiplexed on the pin.
3.
IRQ2 includes the ADTRG input multiplexed on the pin.
4.
Ports A, G, P97, P86, P52, P42, and peripheral module outputs multiplexed on the pin are NMOS
push-pull outputs.
An external pull-up resistor is necessary to provide high-level output from SCL0, SCL1, SDA0,
SDA1, ExSCLA, ExSCLB, ExSDAA, and ExSDAB (ICE bit in ICCR is 1).
Ports A, G, P97, P86/SCK1, P52, and P42/SCK2 (ICE bit in ICCR is 0) high levels are driven by
NMOS. An external pull-up resistor is necessary to provide high-level output from these pins when
they are used as an output.
5.
Indicates values when ICCS = 0, ICE = 0, and KBIOE = 0. Low level output when the bus drive
function is selected is rated separately.
6. Current consumption values are for V
IH min = VCC – 0.2 V and VIL max = 0.2 V with all output pins
unloaded and the on-chip pull-up MOSs in the off state.
Table 26.2
DC Characteristics (3) Using LPC Function
Conditions: V
CC = 3.0 V to 3.6 V, VSS = 0 V
Item
Symbol Min.
Max.
Unit
Test Conditions
Input high voltage
P37 to P30
P83 to P80, PB1, PB0
V
IH
V
CC × 0.5
V
Input low voltage
P37 to P30
P83 to P80, PB1, PB0
V
IL
V
CC × 0.3
V
Output high voltage P37, P33 to P30,
P82 to P80. PB1, PB0
V
OH
V
CC × 0.9
V
I
OH = –0.5 mA
Output low voltage
P37, P33 to P30,
P82 to P80. PB1, PB0
V
OL
V
CC ×0.1
V
I
OL = 1.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com