công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 706 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 706 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 702Page - Renesas Technology Corp H8S/2114R Datasheet HTML 703Page - Renesas Technology Corp H8S/2114R Datasheet HTML 704Page - Renesas Technology Corp H8S/2114R Datasheet HTML 705Page - Renesas Technology Corp H8S/2114R Datasheet HTML 706Page - Renesas Technology Corp H8S/2114R Datasheet HTML 707Page - Renesas Technology Corp H8S/2114R Datasheet HTML 708Page - Renesas Technology Corp H8S/2114R Datasheet HTML 709Page - Renesas Technology Corp H8S/2114R Datasheet HTML 710Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 706 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 658 of 986
REJ09B0098-0300
18.3.18
LMC Status Registers 1 and 2 (LMCST1 and LMCST2)
LMCST1 and LMCST2 indicate the processing status of the LMC. The contents of LMCST1 and
LMCST2 are output in response to the status read command. For details of the status read
command, see section 18.4.8, LPC/FW Memory Access Command.
• LMCST1
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
FLPI
0
R/(W)*
1
R
Flash Memory Programming Interrupt/End Flag
Setting this bit by the flash memory programming
command generates an FLPI interrupt (LMCI).
0: Flash memory programming command wait
Flash memory programming end
[Clearing condition]
When writing 0 after reading FLPI = 1
1: Flash memory programming is in progress
[Setting condition]
When receiving by the flash memory
programming command (BUFTRAN = 1)
6
FLEI
0
R/(W)*
1
R
Flash Memory Erasing Interrupt/End Flag
Setting this bit by the flash memory erasing
command generates an FLEI interrupt (LMCI).
0: Flash memory erasing command wait
Flash memory erasing end
[Clearing condition]
When writing 0 after reading FLEI = 1
1: Flash memory erasing is in progress
[Setting condition]
When receiving by the flash memory erasing
command (ERASEE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com