công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 702 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 702 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 698Page - Renesas Technology Corp H8S/2114R Datasheet HTML 699Page - Renesas Technology Corp H8S/2114R Datasheet HTML 700Page - Renesas Technology Corp H8S/2114R Datasheet HTML 701Page - Renesas Technology Corp H8S/2114R Datasheet HTML 702Page - Renesas Technology Corp H8S/2114R Datasheet HTML 703Page - Renesas Technology Corp H8S/2114R Datasheet HTML 704Page - Renesas Technology Corp H8S/2114R Datasheet HTML 705Page - Renesas Technology Corp H8S/2114R Datasheet HTML 706Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 654 of 986
REJ09B0098-0300
18.3.14
RAM Buffer Address Register (RBUFAR)
RBUFAR stores the start address of 256-byte buffer in the on-chip RAM used for the flash
memory programming in an LPC/FW memory cycle. The flash memory is programmed in units of
128 bytes. The 128-byte data is stored in the area whose lower address ranges from H'00 to H'7F.
Bits 23 to 16 of the RAM buffer start address are fixed H'FF and bits 7 to 0 are fixed H'00. In the
case of the initial value, the area to be used as a RAM buffer is from H'FFEF00 to H'FFEFFF (256
bytes). The contents of this register must not be changed in an LPC/FW memory cycle (the LMCE
bit is set to 1).
R/W
Bit
Bit Name Initial Value Slave Host Description
7
6
5
4
3
2
1
0
RBA15
RBA14
RBA13
RBA12
RBA11
RBA10
RBA9
RBA8
1
1
1
0
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RAM Buffer Addresses 15 to 8
Though H'D0 to H'EF can be set, setting only H'D1 to
H'EF is valid. Setting other than these values is
invalid. When setting is invalid, the previous value is
retained.
Note:
*
The value must be selected so that the program area for flash memory
programming/erasure is not overlapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com