công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 701 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 701 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 697Page - Renesas Technology Corp H8S/2114R Datasheet HTML 698Page - Renesas Technology Corp H8S/2114R Datasheet HTML 699Page - Renesas Technology Corp H8S/2114R Datasheet HTML 700Page - Renesas Technology Corp H8S/2114R Datasheet HTML 701Page - Renesas Technology Corp H8S/2114R Datasheet HTML 702Page - Renesas Technology Corp H8S/2114R Datasheet HTML 703Page - Renesas Technology Corp H8S/2114R Datasheet HTML 704Page - Renesas Technology Corp H8S/2114R Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 653 of 986
REJ09B0098-0300
18.3.13
Host Interface Select Register (HISEL)
HISEL selects the function of bits 7 to 4 in STR3 and selects the output of the host interrupt
request signal of each frame.
R/W
Bit
Bit Name
Initial
Value
Slave Host Description
7
SELSTR3
0
R/W
Status Register 3 Selection
Selects the function of bits 7 to 4 in STR3 in
combination with the TWRE bit in LADR3L. For
details of STR3, see section 18.3.9, Status Registers
1 to 4 (STR1 to STR4).
0: Bits 7 to 4 in STR3 indicate processing status of
the LPC interface.
1: [When TWRE = 1]
Bits 7 to 4 in STR3 indicate processing status of
the LPC interface.
[When TWRE = 0]
Bits 7 to 4 in STR3 are readable/writable bits
which user can use as necessary
6
5
4
3
2
1
0
SELIRQ11
SELIRQ10
SELIRQ9
SELIRQ6
SELSMI
SELIRQ12
SELIRQ1
0
0
0
0
0
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SERIRQ Output Select
Select the pin output status of SERIRQ.
0: [When host interrupt request is cleared]
SERIRQ pin output is in the Hi-Z state
[When host interrupt request is set]
SERIRQ pin output is low
1: [When host interrupt request is cleared]
SERIRQ pin output is low
[When host interrupt request is set]
SERIRQ pin output is in the Hi-Z state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com