công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 697 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 697 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 693Page - Renesas Technology Corp H8S/2114R Datasheet HTML 694Page - Renesas Technology Corp H8S/2114R Datasheet HTML 695Page - Renesas Technology Corp H8S/2114R Datasheet HTML 696Page - Renesas Technology Corp H8S/2114R Datasheet HTML 697Page - Renesas Technology Corp H8S/2114R Datasheet HTML 698Page - Renesas Technology Corp H8S/2114R Datasheet HTML 699Page - Renesas Technology Corp H8S/2114R Datasheet HTML 700Page - Renesas Technology Corp H8S/2114R Datasheet HTML 701Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 649 of 986
REJ09B0098-0300
18.3.12
SERIRQ Control Register 2 (SIRQCR2)
SIRQCR2 contains bits that enable or disable SERIRQ interrupt requests and select the host
interrupt request outputs.
R/W
Bit
Bit Name Initial Value Slave Host Description
7
IEDIR3
0
R/W
Interrupt Enable Direct Mode 3
Selects whether an SERIRQ interrupt generation of
LPC channel 3 is affected only by a host interrupt
enable bit or by an OBF flag in addition to the enable
bit.
0: A host interrupt is generated when both the
enable bit and the corresponding OBF flag are
set
1: A host interrupt is generated when the enable bit
is set
6
IEDIR4
0
R/W
Interrupt Enable Direct Mode 4
Selects whether an SERIRQ interrupt generation of
LPC channel 4 is affected only by a host interrupt
enable bit or by an OBF flag in addition to the enable
bit.
0: A host interrupt is generated when both the
enable bit and the corresponding OBF flag are
set
1: A host interrupt is generated when the enable bit
is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com