công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 693 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 693 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 689Page - Renesas Technology Corp H8S/2114R Datasheet HTML 690Page - Renesas Technology Corp H8S/2114R Datasheet HTML 691Page - Renesas Technology Corp H8S/2114R Datasheet HTML 692Page - Renesas Technology Corp H8S/2114R Datasheet HTML 693Page - Renesas Technology Corp H8S/2114R Datasheet HTML 694Page - Renesas Technology Corp H8S/2114R Datasheet HTML 695Page - Renesas Technology Corp H8S/2114R Datasheet HTML 696Page - Renesas Technology Corp H8S/2114R Datasheet HTML 697Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 645 of 986
REJ09B0098-0300
R/W
Bit
Bit Name Initial Value Slave Host Description
6
IRQ10E3 0
R/W
Host IRQ10 Interrupt Enable 3
Enables or disables an HIRQ10 interrupt request
when OBF3A is set by an ODR3 write.
0: HIRQ10 interrupt request by OBF3A and
IRQE10E3 is disabled
[Clearing conditions]
• Writing 0 to IRQ10E3
• LPC hardware reset, LPC software reset
• Clearing OBF3A to 0 (when IEDIR3 = 0)
1: [When IEDIR3 = 0]
HIRQ10 interrupt request by setting OBF3A to 1
is enabled
[When IEDIR3 = 1]
HIRQ10 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ10E3 = 0
5
IRQ9E3
0
R/W
Host IRQ9 Interrupt Enable 3
Enables or disables an HIRQ9 interrupt request
when OBF3A is set by an ODR3 write.
0: HIRQ9 interrupt request by OBF3A and IRQE9E3
is disabled
[Clearing conditions]
• Writing 0 to IRQ9E3
• LPC hardware reset, LPC software reset
• Clearing OBF3A to 0 (when IEDIR3 = 0)
1: [When IEDIR3 = 0]
HIRQ9 interrupt request by setting OBF3A to 1 is
enabled
[When IEDIR3 = 1]
HIRQ9 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ9E3 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com