công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 704 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 704 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 700Page - Renesas Technology Corp H8S/2114R Datasheet HTML 701Page - Renesas Technology Corp H8S/2114R Datasheet HTML 702Page - Renesas Technology Corp H8S/2114R Datasheet HTML 703Page - Renesas Technology Corp H8S/2114R Datasheet HTML 704Page - Renesas Technology Corp H8S/2114R Datasheet HTML 705Page - Renesas Technology Corp H8S/2114R Datasheet HTML 706Page - Renesas Technology Corp H8S/2114R Datasheet HTML 707Page - Renesas Technology Corp H8S/2114R Datasheet HTML 708Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 704 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 656 of 986
REJ09B0098-0300
18.3.16
Manufacture ID Code Register (LMCMIDCR) and
Device ID Code Register (LMCDIDCR)
LMCMIDCR and LMCDIDCR store the manufacture ID code and device ID code, respectively.
The contents of start address of LMCMIDCR and LMCDIDCR are output in response to the ID
read command. For details of the ID read command, see descriptions of a list of LMC commands
and command addresses. The contents of this register must not be changed in an LPC/FW memory
cycle (the LMCE bit is set to 1).
• LMCMIDCR
R/W
Bit
Bit Name Initial Value Slave Host Description
7
6
5
4
3
2
1
0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
Indicate the manufacture ID.
• LMCDIDCR
R/W
Bit
Bit Name Initial Value Slave Host Description
7
6
5
4
3
2
1
0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
Indicate the device ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com