công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 709 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 709 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 705Page - Renesas Technology Corp H8S/2114R Datasheet HTML 706Page - Renesas Technology Corp H8S/2114R Datasheet HTML 707Page - Renesas Technology Corp H8S/2114R Datasheet HTML 708Page - Renesas Technology Corp H8S/2114R Datasheet HTML 709Page - Renesas Technology Corp H8S/2114R Datasheet HTML 710Page - Renesas Technology Corp H8S/2114R Datasheet HTML 711Page - Renesas Technology Corp H8S/2114R Datasheet HTML 712Page - Renesas Technology Corp H8S/2114R Datasheet HTML 713Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 709 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 661 of 986
REJ09B0098-0300
R/W
Bit
Bit Name
Initial Value Slave Host Description
5
ERASEE
0
R
R
Enables/disables the block erasure command
0: Disables the block erasure command
[Clearing conditions]
• Clearing by the block erasure command
• Clearing by the clear status command
1: Enables the block erasure command
[Setting condition]
• Setting by the erasing enable command
4
WRITEE
0
R
R
Enables/disables the on-chip RAM data write
command
0: Disables the on-chip RAM data write command
[Clearing condition]
• Clearing by the WRITEE clear command
1: Enables the on-chip RAM data write command
[Setting condition]
• Setting by the write enable command
3
BUFTRAN 0
R
R
Indicates the transfer state of the 128-byte buffer.
0: 128-byte buffer transfer has been completed
[Clearing conditions]
• Clearing by the flash memory programming
command
• Clearing by the BUFTRAN clear command
1: 128-byte buffer transfer is in progress
[Setting condition]
• Setting by the FLWAR set command when
BUFTRAN = 0
2 to 0
All 0
R
R
Reserved
These bits are read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com