công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 713 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 713 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 709Page - Renesas Technology Corp H8S/2114R Datasheet HTML 710Page - Renesas Technology Corp H8S/2114R Datasheet HTML 711Page - Renesas Technology Corp H8S/2114R Datasheet HTML 712Page - Renesas Technology Corp H8S/2114R Datasheet HTML 713Page - Renesas Technology Corp H8S/2114R Datasheet HTML 714Page - Renesas Technology Corp H8S/2114R Datasheet HTML 715Page - Renesas Technology Corp H8S/2114R Datasheet HTML 716Page - Renesas Technology Corp H8S/2114R Datasheet HTML 717Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 713 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 665 of 986
REJ09B0098-0300
18.3.20
Host Base Address Registers 1H and 1L (HBAR1H and HBAR1L)
HBAR1 stores the upper 16 bits of a host start address when a host address is translated into a
flash memory address. The inverted signal level of pin
LID3 is reflected in the MSB of HBAR1.
The lower 16 bits of the host start address are fixed H'0000. The host address space to be
translated is decided in combination with bits AS13 to AS10 in ASSR which select the size of the
host address space. When the FW memory cycle is used, bits 7 to 4 in HBAR1H (HB1A31 to
HB1A28) are used as IDSEL. The contents of this register must not be changed in LPC/FW
memory cycles (while LMCE is set to 1).
• HBAR1H
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
6
5
4
3
2
1
0
HB1A31
HB1A30
HB1A29
HB1A28
HB1A27
HB1A26
HB1A25
HB1A24
0
0
0
0
0
0
0
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Host Base Address Bits 31 to 24
Store the host base address 31 to 24. Bit HB1A31
reflects the inverted signal level of pin
LID3.
• HBAR1L
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
6
5
4
3
2
1
0
HB1A23
HB1A22
HB1A22
HB1A20
HB1A19
HB1A18
HB1A17
HB1A16
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Host Base Address Bits 23 to 16
Store the host base address 23 to 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com