công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 715 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 715 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 711Page - Renesas Technology Corp H8S/2114R Datasheet HTML 712Page - Renesas Technology Corp H8S/2114R Datasheet HTML 713Page - Renesas Technology Corp H8S/2114R Datasheet HTML 714Page - Renesas Technology Corp H8S/2114R Datasheet HTML 715Page - Renesas Technology Corp H8S/2114R Datasheet HTML 716Page - Renesas Technology Corp H8S/2114R Datasheet HTML 717Page - Renesas Technology Corp H8S/2114R Datasheet HTML 718Page - Renesas Technology Corp H8S/2114R Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 667 of 986
REJ09B0098-0300
18.3.22
On-Chip RAM Host Base Address Registers H and L (RAMBARH and
RAMBARL)
RAMBAR stores the upper 16 bits of the host start address when a host address is translated into
an on-chip RAM address. The lower 16 bits of the host start address are fixed H'0000. The host
address space to be translated is decided in combination with the RAMASSR contents which
select the size of the host address space. When the FW memory cycle is used, bits 7 to 4 in
RABAHR (MRA31 to MRA28) are used as IDSEL. The contents of this register must not be
changed in LPC/FW memory cycles (while LMCE is set to 1).
The host address space of which lower 16 bits are H'FFF0 to H'FFFF is used as command space.
• RAMBARH
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
6
5
4
3
2
1
0
MRA31
MRA30
MRA29
MRA28
MRA27
MRA26
MRA25
MRA24
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
On-Chip RAM Host Base Address Bits 31 to 24
Store the host base address 31 to 24.
• RAMBARL
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
6
5
4
3
2
1
0
MRA23
MRA22
MRA22
MRA20
MRA19
MRA18
MRA17
RA16
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
On-Chip RAM Host Base Address Bits 23 to 16
Store the host base address 23 to 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com