| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2114R bảng dữ liệu(PDF) 719 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R bảng dữ liệu(HTML) 719 Page - Renesas Technology Corp |
|
719 / 1038 page ![]() Section 18 LPC Interface (LPC) Rev. 3.00 Jul. 14, 2005 Page 671 of 986 REJ09B0098-0300 18.3.26 Slave Address Register 2 (SAR2) SAR2 selects the upper eight bits of slave start address of the flash memory obtained by translating the host address in HBAR2. The lower 16 bits are fixed H'0000. The contents of this register must not be changed in LPC/FW memory cycles (while LMCE is set to 1). R/W Bit Bit Name Initial Value Slave Host Description 7 6 5 4 3 2 1 0 SA2R23 SA2R22 SA2R21 SA2R20 SA2R19 SA2R18 SA2R17 SA2R16 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Slave Address Bits 23 to 16 Select bits 23 to 16 of the flash memory address obtained by translating the host address. The value H'10 to H'FF should not be selected. 18.3.27 On-Chip RAM Slave Address Register (RAMAR) RAMAR selects the slave start address (bits 15 to 8) of the on-chip RAM obtained by translating the host address. Bits 23 to 16 are fixed H'FF and bits 7 to 0 are fixed H'00. The contents of this register must not be changed in LPC/FW memory cycles (while LMCE is set to 1). R/W Bit Bit Name Initial Value Slave Host Description 7 6 5 4 3 2 1 0 RMR15 RMR14 RMR13 RMR12 RMR11 RMR10 RMR9 RMR8 1 1 0 1 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W On-Chip RAM Slave Address Bits 15 to 8 Select bits 15 to 8 of the on-chip RAM address obtained by translating the host address. Though H'D0 to H'EF can be set, setting only H'D1 to H'EF is valid. Setting other than these values is invalid. When setting is invalid, the previous value is retained. Note: * The value must be selected so that the area selected by RBUFAR is not overlapped. In this case, data in the on-chip RAM may be changed. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |