công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 665 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 665 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 661Page - Renesas Technology Corp H8S/2114R Datasheet HTML 662Page - Renesas Technology Corp H8S/2114R Datasheet HTML 663Page - Renesas Technology Corp H8S/2114R Datasheet HTML 664Page - Renesas Technology Corp H8S/2114R Datasheet HTML 665Page - Renesas Technology Corp H8S/2114R Datasheet HTML 666Page - Renesas Technology Corp H8S/2114R Datasheet HTML 667Page - Renesas Technology Corp H8S/2114R Datasheet HTML 668Page - Renesas Technology Corp H8S/2114R Datasheet HTML 669Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 617 of 986
REJ09B0098-0300
Name
Abbreviation
Port
I/O
Function
LPC Encoded
DMA request
LDRQ
PC6
Output*
4
DMA request signal
Docking LPC
Encoded DMA
request
DLDRQ
PC7
Input*
4
DMA request signal
Notes: 1. Pin state monitoring input is possible in addition to the LPC interface control input/output
function.
2. Only 0 can be output. If 1 is output, the pin is in the high-impedance state, so an
external resistor is necessary to pull the signal up to VCC.
3. This function becomes available by setting 1 to LPCS in PTCNT2 and one of LPC3E to
LPC1E in HICR0 and LPC4E in HICR4. For details, see section 8.17.3, Port Control
Register 2 (PTCNT2).
4. This function becomes available by setting 1 to LDRQS in PTCNT2 and one of LPC3E
to LPC1E in HICR0 and LPC4E in HICR4. For details, see section 8.17.3, Port Control
Register 2 (PTCNT2).
18.3
Register Descriptions
The LPC has the following registers.
• Host interface control registers 0 to 4 (HICR0 to HICR4)
• LPC channel 3 address registers H and L (LADR3H, LADR3L)
• LPC channel 4 address registers H and L (LADR4H, LADR4L)
• Input data registers 1 to 4 (IDR1 to IDR4)
• Output data registers 1 to 4 (ODR1 to ODR4)
• Bidirectional data registers 0 to 15 (TWR0 to TWR15)
• Status registers 1 to 4 (STR1 to STR4)
• SERIRQ control registers 0 to 2 (SIRQCR0 to SIRQCR2)
• Host interface select register (HISEL)
The following registers are needed to use LPC/FW memory cycles.
• RAM buffer address register (RBUFAR)
• Flash memory programming address registers H and L (FLWARH, FLWARL)
• Manufacture and device ID code registers (LMCMIDCR, LMCDIDCR)
• Erase block register (EBLKR)
• LMC status registers 1 and 2 (LMCST1, LMCST2)
• LMC control registers 1 and 2 (LMCCR1, LMCCR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com