công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 661 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 661 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 657Page - Renesas Technology Corp H8S/2114R Datasheet HTML 658Page - Renesas Technology Corp H8S/2114R Datasheet HTML 659Page - Renesas Technology Corp H8S/2114R Datasheet HTML 660Page - Renesas Technology Corp H8S/2114R Datasheet HTML 661Page - Renesas Technology Corp H8S/2114R Datasheet HTML 662Page - Renesas Technology Corp H8S/2114R Datasheet HTML 663Page - Renesas Technology Corp H8S/2114R Datasheet HTML 664Page - Renesas Technology Corp H8S/2114R Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 1038 page
background image
Section 18 LPC Interface (LPC)
IFHSTL0A_000020020700
Rev. 3.00 Jul. 14, 2005 Page 613 of 986
REJ09B0098-0300
Section 18 LPC Interface (LPC)
This LSI has an on-chip LPC interface.
The LPC includes four register sets, each of which comprises data and status registers, control
register, the fast Gate A20 logic circuit, and the host interrupt request circuit.
The LPC performs serial transfer of cycle type, address, and data, synchronized with the 33 MHz
PCI clock. It uses four signal lines for address/data, and one for host interrupt requests. This LPC
module supports I/O read, I/O write, LPC memory read, LPC memory write, firmware (FW)
memory read, and firmware (FW) memory write cycle transfers. It is also provided with
power-down functions that can control the PCI clock and shut down the LPC interface.
18.1
Features
• Supports LPC interface I/O read and I/O write cycles
 Uses four signal lines (LAD3 to LAD0) to transfer the cycle type, address, and data.
 Uses three control signals: clock (LCLK), reset (LRESET), and frame (LFRAME).
• Four register sets comprising data and status registers
 The basic register set comprises three bytes: an input register (IDR), output register (ODR),
and status register (STR).
 Fixed I/O addresses of H'60/H'64 are set for channel 1. A fast Gate A20 function is also
provided.
 Fixed I/O addresses of H'62/H'66 are set for channel 2.
 I/O addresses from H'0000 to H'FFFF is selected for channel 3. Sixteen bidirectional data
register bytes can be manipulated in addition to the basic register set.
 I/O addresses from H'0000 to H'FFFF is selected for channel 4.
• Supports SERIRQ
 Host interrupt requests are transferred serially on a single signal line (SERIRQ).
 On channel 1, HIRQ1 and HIRQ12 can be generated.
 On channels 2, 3 and 4, SMI, HIRQ6, and HIRQ9 to HIRQ11 can be generated.
 Operation can be switched between quiet mode and continuous mode.
 The CLKRUN signal can be manipulated to restart the PCI clock (LCLK).
• Power-down modes and interrupts
 The LPC module can be shut down by inputting the LPCPD signal.
 Three pins, PME, LSMI, and LSCI, are provided for general input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com