công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 660 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 660 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 656Page - Renesas Technology Corp H8S/2114R Datasheet HTML 657Page - Renesas Technology Corp H8S/2114R Datasheet HTML 658Page - Renesas Technology Corp H8S/2114R Datasheet HTML 659Page - Renesas Technology Corp H8S/2114R Datasheet HTML 660Page - Renesas Technology Corp H8S/2114R Datasheet HTML 661Page - Renesas Technology Corp H8S/2114R Datasheet HTML 662Page - Renesas Technology Corp H8S/2114R Datasheet HTML 663Page - Renesas Technology Corp H8S/2114R Datasheet HTML 664Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 1038 page
background image
Section 17 Keyboard Buffer Control Unit (KBU)
Rev. 3.00 Jul. 14, 2005 Page 612 of 986
REJ09B0098-0300
17.5.2
KD Output by KDO bit (KBCRL) and by Automatic Transmission
Figure 17.20 shows the relationship between the KD output by the KDO bit (KBCRL) and by the
automatic transmission. Switch to the KD output by the automatic transmission is performed when
KBTS is set to 1 and TXCR is not cleared to 0. In this case, the KD output by the KDO bit
(KBCRL) is masked.
Output switch signal
KBTS
• (TXCR0 + TXCR1 + TXCR2 + TXCR3)
Output by KDO bit (KBCRL)
KD output
Output by automatic transmission
Figure 17.20 KDO Output
17.5.3
Module Stop Mode Setting
Keyboard buffer control unit operation can be enabled or disabled using the module stop control
register. The initial setting is for keyboard buffer control unit operation to be halted. Register
access is enabled by canceling module stop mode. For details, see section 24, Power-Down
Modes.
17.5.4
Medium Speed Mode
The KBU operates with a medium speed clock in medium speed mode. To operate the KBU
normally, use at least 300-kHz medium speed clock.
17.5.5
Transmit Completion Flag (KBTE)
When TXCR3 to TXCR0 are 1011 (transmit completion notification) and then the TXCR3 to
TXCR0 are initialized by clearing KBIOE or KBTS to 0, the transmit completion flag (KBTE) is
set. In this case, KTER is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com