công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 668 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 668 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 664Page - Renesas Technology Corp H8S/2114R Datasheet HTML 665Page - Renesas Technology Corp H8S/2114R Datasheet HTML 666Page - Renesas Technology Corp H8S/2114R Datasheet HTML 667Page - Renesas Technology Corp H8S/2114R Datasheet HTML 668Page - Renesas Technology Corp H8S/2114R Datasheet HTML 669Page - Renesas Technology Corp H8S/2114R Datasheet HTML 670Page - Renesas Technology Corp H8S/2114R Datasheet HTML 671Page - Renesas Technology Corp H8S/2114R Datasheet HTML 672Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 620 of 986
REJ09B0098-0300
R/W
Bit
Bit Name Initial Value Slave Host Description
4
FGA20E
0
R/W
Fast Gate A20 Function Enable
Enables or disables the fast Gate A20 function.
When the fast Gate A20 is disabled, the normal Gate
A20 can be implemented by firmware controlling P81
output.
0: Fast Gate A20 function disabled
Other function (input/output) of pin P81 is
enabled
The internal state of GA20 output is initialized to 1
1: Fast Gate A20 function enabled
GA20 pin output is open-drain (external pull-up
resistor (Vcc) required)
3
SDWNE
0
R/W
LPC Software Shutdown Enable
Controls LPC interface shutdown. For details of the
LPC shutdown function, and the scope of
initialization by an LPC reset and an LPC shutdown,
see section 18.4.4, LPC Interface Shutdown Function
(LPCPD).
0: Normal state, LPC software shutdown setting
enabled
[Clearing conditions]
• Writing 0
• LPC hardware reset or LPC software reset
• LPC hardware shutdown release (rising edge of
LPCPD signal)
1: LPC hardware shutdown state setting enabled
Hardware shutdown state when
LPCPD signal is
low level
[Setting condition]
• Writing 1 after reading SDWNE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com