công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 667 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 667 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 663Page - Renesas Technology Corp H8S/2114R Datasheet HTML 664Page - Renesas Technology Corp H8S/2114R Datasheet HTML 665Page - Renesas Technology Corp H8S/2114R Datasheet HTML 666Page - Renesas Technology Corp H8S/2114R Datasheet HTML 667Page - Renesas Technology Corp H8S/2114R Datasheet HTML 668Page - Renesas Technology Corp H8S/2114R Datasheet HTML 669Page - Renesas Technology Corp H8S/2114R Datasheet HTML 670Page - Renesas Technology Corp H8S/2114R Datasheet HTML 671Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 667 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 619 of 986
REJ09B0098-0300
18.3.1
Host Interface Control Registers 0 and 1 (HICR0 and HICR1)
HICR0 and HICR1 contain control bits that enable or disable LPC interface functions, control bits
that determine pin output and the internal state of the LPC interface, and status flags that monitor
the internal state of the LPC interface.
• HICR0
R/W
Bit
Bit Name Initial Value Slave Host Description
7
6
5
LPC3E
LPC2E
LPC1E
0
0
0
R/W
R/W
R/W
LPC Enables 3 to 1
Enable or disable the LPC interface function. When
the LPC interface is enabled (one of the three bits is
set to 1), processing for data transfer between the
slave (this LSI) and the host is performed using pins
LAD3 to LAD0,
LFRAME, LRESET, LCLK, SERIRQ,
CLKRUN, and LPCPD.
• LPC3E
0: LPC channel 3 operation is disabled
No address (LADR3) matches for IDR3, ODR3,
STR3, or TWR0 to TWR15
1: LPC channel 3 operation is enabled
• LPC2E
0: LPC channel 2 operation is disabled
No address (H'0062, 66) matches for IDR2,
ODR2, or STR2
1: LPC channel 2 operation is enabled
• LPC1E
0: LPC channel 1 operation is disabled
No address (H'0060, 64) matches for IDR1,
ODR1, or STR1
1: LPC channel 1 operation is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com