công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 637 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 637 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 633Page - Renesas Technology Corp H8S/2114R Datasheet HTML 634Page - Renesas Technology Corp H8S/2114R Datasheet HTML 635Page - Renesas Technology Corp H8S/2114R Datasheet HTML 636Page - Renesas Technology Corp H8S/2114R Datasheet HTML 637Page - Renesas Technology Corp H8S/2114R Datasheet HTML 638Page - Renesas Technology Corp H8S/2114R Datasheet HTML 639Page - Renesas Technology Corp H8S/2114R Datasheet HTML 640Page - Renesas Technology Corp H8S/2114R Datasheet HTML 641Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 637 / 1038 page
background image
Section 17 Keyboard Buffer Control Unit (KBU)
Rev. 3.00 Jul. 14, 2005 Page 589 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W
Description
3
KBIE
0
R/W
Keyboard Interrupt Enable
Enables or disables interrupts from the keyboard buffer
control unit to the CPU.
0: Interrupt requests are disabled
1: Interrupt requests are enabled
2
KBF
0
R/(W)*
Keyboard Buffer Register Full
Indicates that data reception has been completed and
the received data is in KBBR. When both KBIE and
KBF are set to1, an interrupt request is sent to the
CPU.
0: [Clearing condition]
• Read KBF when KBF =1, then write 0 in KBF
1: [Setting conditions]
• When data has been received normally and has
been transferred to KBBR while KBFSEL = 1
(keyboard buffer register full flag)
• When a KCLK falling edge is detected while
KBFSEL = 0 (KCLK interrupt flag)
1
PER
0
R/(W)*
Parity Error
Indicates that an odd parity error has occurred.
0: [Clearing condition]
• Read PER when PER =1, then write 0 in PER
1: [Setting condition]
• When an odd parity error occurs
0
KBS
0
R
Keyboard Stop
Indicates the receive data stop bit. Valid only when
KBF = 1.
0: 0 stop bit received
1: 1 stop bit received
Note:
*
Only 0 can be written for clearing the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com