công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 634 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 634 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 630Page - Renesas Technology Corp H8S/2114R Datasheet HTML 631Page - Renesas Technology Corp H8S/2114R Datasheet HTML 632Page - Renesas Technology Corp H8S/2114R Datasheet HTML 633Page - Renesas Technology Corp H8S/2114R Datasheet HTML 634Page - Renesas Technology Corp H8S/2114R Datasheet HTML 635Page - Renesas Technology Corp H8S/2114R Datasheet HTML 636Page - Renesas Technology Corp H8S/2114R Datasheet HTML 637Page - Renesas Technology Corp H8S/2114R Datasheet HTML 638Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 1038 page
background image
Section 17 Keyboard Buffer Control Unit (KBU)
Rev. 3.00 Jul. 14, 2005 Page 586 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W
Description
4
KTIE
0
R/W
Transmit Completion Interrupt Enable
Selects whether a transmit completion interrupt is
enabled or disabled.
0: Disables transmit completion interrupt
1: Enables transmit completion interrupt
3
0
Reserved
The initial value should not be changed.
2
KCIF
0
R/(W)* First KCLK Falling Interrupt Flag
Indicates that the first falling edge of KCLK is detected.
When KCIE and KCIF are set to 1, requests the CPU
an interrupt.
0: [Clearing condition]
• After reading KCIF = 1, 0 is written
1: [Setting condition]
• When the first falling edge of KCLK is detected
Note that this flag cannot be set when software standby
mode, watch mode, or subsleep mode is cancelled.
(However, internal flag is set.)
1
KBTE
0
R/(W)*
Transmit Completion Flag
Indicates that data transmission is completed. When
KTIE and KBTE are set to 1, requests the CPU an
interrupt.
0: [Clearing condition]
• After reading KBTE = 1, 0 is written
1: [Setting Condition]
• When all KBTR data has been transmitted (Set at
the eleventh rising edge of the KCLK signal)
0
KTER
0
R
Transmit Error
Stores a notification of receive completion. Valid only
when KBTE = 1.
0: 0 received as a notification of receive completion.
1: 1 received as a notification of receive completion.
Note:
*
Only 0 can be written for clearing the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com