công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 636 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 636 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 632Page - Renesas Technology Corp H8S/2114R Datasheet HTML 633Page - Renesas Technology Corp H8S/2114R Datasheet HTML 634Page - Renesas Technology Corp H8S/2114R Datasheet HTML 635Page - Renesas Technology Corp H8S/2114R Datasheet HTML 636Page - Renesas Technology Corp H8S/2114R Datasheet HTML 637Page - Renesas Technology Corp H8S/2114R Datasheet HTML 638Page - Renesas Technology Corp H8S/2114R Datasheet HTML 639Page - Renesas Technology Corp H8S/2114R Datasheet HTML 640Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 1038 page
background image
Section 17 Keyboard Buffer Control Unit (KBU)
Rev. 3.00 Jul. 14, 2005 Page 588 of 986
REJ09B0098-0300
17.3.3
Keyboard Control Register H (KBCRH)
KBCRH indicates the operating status of the keyboard buffer control unit.
Bit
Bit Name
Initial Value
R/W
Description
7
KBIOE
0
R/W
Keyboard In/Out Enable
Selects whether or not the keyboard buffer control unit
is used.
0: The keyboard buffer control unit is non-operational
(KCLK and KD signal pins have port functions)
1: The keyboard buffer control unit is enabled for
transmission and reception (KCLK and KD signal
pins are in the bus drive state)
6
KCLKI
1
R
Keyboard Clock In
Monitors the KCLK I/O pin. This bit cannot be modified.
0: KCLK I/O pin is low
1: KCLK I/O pin is high
5
KDI
1
R
Keyboard Data In:
Monitors the KDI I/O pin. This bit cannot be modified.
0: KD I/O pin is low
1: KD I/O pin is high
4
KBFSEL
1
R/W
Keyboard Buffer Register Full Select
Selects whether the KBF bit is used as the keyboard
buffer register full flag or as the KCLK fall interrupt flag.
When KBF bit is used as the KCLK fall interrupt flag,
the KBE bit in KBCRL should be cleared to 0 to disable
reception.
0: KBF bit is used as KCLK fall interrupt flag
1: KBF bit is used as keyboard buffer register full flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com