công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 635 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 635 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 631Page - Renesas Technology Corp H8S/2114R Datasheet HTML 632Page - Renesas Technology Corp H8S/2114R Datasheet HTML 633Page - Renesas Technology Corp H8S/2114R Datasheet HTML 634Page - Renesas Technology Corp H8S/2114R Datasheet HTML 635Page - Renesas Technology Corp H8S/2114R Datasheet HTML 636Page - Renesas Technology Corp H8S/2114R Datasheet HTML 637Page - Renesas Technology Corp H8S/2114R Datasheet HTML 638Page - Renesas Technology Corp H8S/2114R Datasheet HTML 639Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 1038 page
background image
Section 17 Keyboard Buffer Control Unit (KBU)
Rev. 3.00 Jul. 14, 2005 Page 587 of 986
REJ09B0098-0300
17.3.2
Keyboard Buffer Control Register 2 (KBCR2)
KBCR2 is a 4-bit counter which performs counting synchronized with the falling edge of KCLK.
Transmit data is synchronized with the transmit counter, and data in the KBTR is sent to the KD
(LSB-first).
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 1
R/W
Reserved
These bits are always read as 0. The initial value
should not be changed.
3
2
1
0
TXCR3
TXCR2
TXCR1
TXCR0
0
0
0
0
R
R
R
R
Transmit Counter
Indicates bit of transmit data. Counter is incremented
at the falling edge of KCLK. The transmit counter is
initialized by a reset, when the KBTS is cleared to 0,
the KBIOE is cleared to 0, or the KBTE is set to 1.
0000: Clear
0001: KBT0
0010: KBT1
0011: KBT2
0100: KBT3
0101: KBT4
0110: KBT5
0111: KBT6
1000: KBT7
1001: Parity bit
1010: Stop bit
1011: Transmit completion notification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com