công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 577 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 577 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 573Page - Renesas Technology Corp H8S/2114R Datasheet HTML 574Page - Renesas Technology Corp H8S/2114R Datasheet HTML 575Page - Renesas Technology Corp H8S/2114R Datasheet HTML 576Page - Renesas Technology Corp H8S/2114R Datasheet HTML 577Page - Renesas Technology Corp H8S/2114R Datasheet HTML 578Page - Renesas Technology Corp H8S/2114R Datasheet HTML 579Page - Renesas Technology Corp H8S/2114R Datasheet HTML 580Page - Renesas Technology Corp H8S/2114R Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 529 of 986
REJ09B0098-0300
Bit Bit Name
Initial Value R/W
Description
0
ACKB
0
R/W
Acknowledge Bit
Stores acknowledge data.
Transmit mode:
[Setting condition]
When 1 is received as the acknowledge bit when ACKE=1
in transmit mode
[Clearing conditions]
• When 0 is received as the acknowledge bit when
ACKE=1 in transmit mode
• When 0 is written to the ACKE bit
Receive mode:
0: Returns 0 as acknowledge data after data reception
1: Returns 1 as acknowledge data after data reception
When this bit is read, the value loaded from the bus line
(returned by the receiving device) is read in transmission
(when TRS = 1). In reception (when TRS = 0), the value set
by internal software is read.
When this bit is written, acknowledge data that is returned
after receiving is rewritten regardless of the TRS value. If
the ICSR register bit is written using bit-manipulation
instructions, the acknowledge data should be re-set since
the acknowledge data setting is rewritten by the ACKB bit
reading value.
Write the ACKE bit to 0 to clear the ACKB flag to 0, before
transmission is ended and a stop condition is issued in
master mode, or before transmission is ended and SDA is
released to issue a stop condition by a master device.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com