công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 574 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 574 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 570Page - Renesas Technology Corp H8S/2114R Datasheet HTML 571Page - Renesas Technology Corp H8S/2114R Datasheet HTML 572Page - Renesas Technology Corp H8S/2114R Datasheet HTML 573Page - Renesas Technology Corp H8S/2114R Datasheet HTML 574Page - Renesas Technology Corp H8S/2114R Datasheet HTML 575Page - Renesas Technology Corp H8S/2114R Datasheet HTML 576Page - Renesas Technology Corp H8S/2114R Datasheet HTML 577Page - Renesas Technology Corp H8S/2114R Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 526 of 986
REJ09B0098-0300
16.3.6
I
2C Bus Status Register (ICSR)
ICSR consists of status flags. Also see tables 16.4 and 16.5.
Bit Bit Name
Initial Value R/W
Description
7
ESTP
0
R/(W)* Error Stop Condition Detection Flag
This bit is valid in I
2C bus format slave mode.
[Setting condition]
When a stop condition is detected during frame transfer.
[Clearing conditions]
• When 0 is written in ESTP after reading ESTP = 1
• When the IRIC flag in ICCR is cleared to 0
6
STOP
0
R/(W)* Normal Stop Condition Detection Flag
This bit is valid in I
2C bus format slave mode.
[Setting condition]
When a stop condition is detected after frame transfer
completion.
[Clearing conditions]
• When 0 is written in STOP after reading STOP = 1
• When the IRIC flag is cleared to 0
5
IRTR
0
R/(W)* I
2C Bus Interface Continuous Transfer Interrupt Request
Flag
Indicates that the I
2C bus interface has issued an interrupt
request to the CPU, and the source is completion of
reception/transmission of one frame in continuous
transmission/reception. When the IRTR flag is set to 1, the
IRIC flag is also set to 1 at the same time.
[Setting conditions]
I
2C bus format slave mode:
• When the ICDRE or ICDRF flag in ICDR is set to 1
when AASX = 1
Master mode or clocked synchronous serial format mode
with I
2C bus format:
• When the ICDRE or ICDRF flag is set to 1
[Clearing conditions]
• When 0 is written after reading IRTR = 1
• When the IRIC flag is cleared to 0 while ICE is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com