công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 580 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 580 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 576Page - Renesas Technology Corp H8S/2114R Datasheet HTML 577Page - Renesas Technology Corp H8S/2114R Datasheet HTML 578Page - Renesas Technology Corp H8S/2114R Datasheet HTML 579Page - Renesas Technology Corp H8S/2114R Datasheet HTML 580Page - Renesas Technology Corp H8S/2114R Datasheet HTML 581Page - Renesas Technology Corp H8S/2114R Datasheet HTML 582Page - Renesas Technology Corp H8S/2114R Datasheet HTML 583Page - Renesas Technology Corp H8S/2114R Datasheet HTML 584Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 532 of 986
REJ09B0098-0300
Bit Bit Name
Initial Value R/W
Description
5
ICDRF
0
R
Receive Data Read Request Flag
Indicates the ICDR (ICDRR) status in receive mode.
0: Indicates that the data has been already read from
ICDR (ICDRR) or ICDR is initialized.
1: Indicates that data has been received successfully and
transferred from ICDRS to ICDRR, and the data is ready
to be read out.
[Setting conditions]
• When data is received successfully and transferred
from ICDRS to ICDRR.
(1) When data is received successfully while ICDRF = 0
(at the rise of the 9th clock pulse).
(2) When ICDR is read successfully in receive mode after
data was received while ICDRF = 1.
[Clearing conditions]
• When ICDR (ICDRR) is read.
• When 0 is written to the ICE bit.
• When the IIC is internally initialized using the CLR3 to
CLR0 bits in DDCSWR.
When ICDRF is set due to the condition (2) above, ICDRF
is temporarily cleared to 0 when ICDR (ICDRR) is read;
however, since data is transferred from ICDRS to ICDRR
immediately, ICDRF is set to 1 again.
Note that ICDR cannot be read successfully in transmit
mode (TRS = 1) because data is not transferred from
ICDRS to ICDRR. Be sure to read data from ICDR in
receive mode (TRS = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com