công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 581 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 581 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 577Page - Renesas Technology Corp H8S/2114R Datasheet HTML 578Page - Renesas Technology Corp H8S/2114R Datasheet HTML 579Page - Renesas Technology Corp H8S/2114R Datasheet HTML 580Page - Renesas Technology Corp H8S/2114R Datasheet HTML 581Page - Renesas Technology Corp H8S/2114R Datasheet HTML 582Page - Renesas Technology Corp H8S/2114R Datasheet HTML 583Page - Renesas Technology Corp H8S/2114R Datasheet HTML 584Page - Renesas Technology Corp H8S/2114R Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 533 of 986
REJ09B0098-0300
Bit Bit Name
Initial Value R/W
Description
4
ICDRE
0
R
Transmit Data Write Request Flag
Indicates the ICDR (ICDRT) status in transmit mode.
0: Indicates that the data has been already written to ICDR
(ICDRT) or ICDR is initialized.
1: Indicates that data has been transferred from ICDRT to
ICDRS and is being transmitted, or the start condition
has been detected or transmission has been complete,
thus allowing the next data to be written to.
[Setting conditions]
• When the start condition is detected from the bus line
state with I
2C bus format or serial format.
• When data is transferred from ICDRT to ICDRS.
1. When data transmission completed while ICDRE =
0 (at the rise of the 9th clock pulse).
2. When data is written to ICDR in transmit mode after
data transmission was completed while ICDRE = 1.
[Clearing conditions]
• When data is written to ICDR (ICDRT).
• When the stop condition is detected with I2C bus format
or serial format.
• When 0 is written to the ICE bit.
• When the IIC is internally initialized using the CLR3 to
CLR0 bits in DDCSWR.
Note that if the ACKE bit is set to 1 with I
2C bus format thus
enabling acknowledge bit decision, ICDRE is not set when
data transmission is completed while the acknowledge bit
is 1.
When ICDRE is set due to the condition (2) above, ICDRE
is temporarily cleared to 0 when data is written to ICDR
(ICDRT); however, since data is transferred from ICDRT to
ICDRS immediately, ICDRE is set to 1 again. Do not write
data to ICDR when TRS = 0 because the ICDRE flag value
is invalid during the time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com