công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 545 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 545 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 541Page - Renesas Technology Corp H8S/2114R Datasheet HTML 542Page - Renesas Technology Corp H8S/2114R Datasheet HTML 543Page - Renesas Technology Corp H8S/2114R Datasheet HTML 544Page - Renesas Technology Corp H8S/2114R Datasheet HTML 545Page - Renesas Technology Corp H8S/2114R Datasheet HTML 546Page - Renesas Technology Corp H8S/2114R Datasheet HTML 547Page - Renesas Technology Corp H8S/2114R Datasheet HTML 548Page - Renesas Technology Corp H8S/2114R Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 497 of 986
REJ09B0098-0300
15.9.2
Interrupts in Smart Card Interface Mode
Table 15.14 shows the interrupt sources in smart card interface mode. A TEI interrupt request
cannot be used in this mode.
Table 15.14 SCI Interrupt Sources
Channel
Name
Interrupt Source
Interrupt Flag
DTC Activation Priority
ERI1
Receive error, error
signal detection
ORER, PER, ERS
Disable
High
RXI1
Receive data full
RDRF
Enable
1
TXI1
Transmit data empty
TEND
Enable
ERI2
Receive error, error
signal detection
ORER, PER, ERS
Disable
RXI2
Receive data full
RDRF
Enable
2
TXI2
Transmit data empty
TEND
Enable
Low
Data transmission/reception using the DTC is also possible in smart card interface mode, similar
to in the normal SCI mode. In transmission, the TEND and TDRE flags in SSR are simultaneously
set to 1, thus generating a TXI interrupt request. This activates the DTC by a TXI interrupt request
thus allowing transfer of transmit data if the TXI interrupt request is specified as a source of DTC
activation beforehand. The TDRE and TEND flags are automatically cleared to 0 at data transfer
by the DTC. If an error occurs, the SCI automatically re-transmits the same data. During re-
transmission, the TEND flag remains as 0, thus not activating the DTC. Therefore, the SCI and
DTC automatically transmit the specified number of bytes, including re-transmission in the case of
error occurrence. However, the ERS flag in SSR, which is set at error occurrence, is not
automatically cleared; the ERS flag must be cleared by previously setting the RIE bit in SCR to 1
to enable an ERI interrupt request to be generated at error occurrence.
When transmitting/receiving data using the DTC, be sure to set and enable the DTC prior to
making SCI settings. For DTC settings, see section 7, Data Transfer Controller (DTC).
In reception, an RXI interrupt request is generated when the RDRF flag in SSR is set to 1. This
activates the DTC by an RXI interrupt request thus allowing transfer of receive data if the RXI
interrupt request is specified as a source of DTC activation beforehand. The RDRF flag is
automatically cleared to 0 at data transfer by the DTC. If an error occurs, the RDRF flag is not set
but the error flag is set. Therefore, the DTC is not activated and an ERI interrupt request is issued
to the CPU instead; the error flag must be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com