công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 541 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 541 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 537Page - Renesas Technology Corp H8S/2114R Datasheet HTML 538Page - Renesas Technology Corp H8S/2114R Datasheet HTML 539Page - Renesas Technology Corp H8S/2114R Datasheet HTML 540Page - Renesas Technology Corp H8S/2114R Datasheet HTML 541Page - Renesas Technology Corp H8S/2114R Datasheet HTML 542Page - Renesas Technology Corp H8S/2114R Datasheet HTML 543Page - Renesas Technology Corp H8S/2114R Datasheet HTML 544Page - Renesas Technology Corp H8S/2114R Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 493 of 986
REJ09B0098-0300
(1)
Transmission
During transmission, the output signals from the SCI (UART frames) are converted to IR frames
using the IrDA interface (see figure 15.34).
For serial data of level 0, a high-level pulse having a width of 3/16 of the bit rate (1-bit interval) is
output (initial setting). The high-level pulse can be selected using the IrCKS2 to IrCKS0 bits in
KBCOMP. The output waveform can also be inverted using the IrTxINV bit in KBCOMP.
The high-level pulse width is defined to be 1.41
µs at the minimum and (3/16 + 2.5%) × bit rate or
(3/16
× bit rate) +1.08 µs at the maximum. For example, when the frequency of system clock φ is
20 MHz, a high-level pulse width of at least 1.41 µs to 1.6 µs can be specified.
For serial data of level 1, no pulses are output.
UART frame
Data
IR frame
Data
000
0
0
11
1
1
1
00
0
0
0
11
1
1
1
Transmission
Reception
Bit
cycle
Pulse width is 1.6
µs to
3/16 bit cycle
Start
bit
Stop
bit
Stop
bit
Start
bit
Figure 15.34 IrDA Transmission and Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com