công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 547 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 547 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 543Page - Renesas Technology Corp H8S/2114R Datasheet HTML 544Page - Renesas Technology Corp H8S/2114R Datasheet HTML 545Page - Renesas Technology Corp H8S/2114R Datasheet HTML 546Page - Renesas Technology Corp H8S/2114R Datasheet HTML 547Page - Renesas Technology Corp H8S/2114R Datasheet HTML 548Page - Renesas Technology Corp H8S/2114R Datasheet HTML 549Page - Renesas Technology Corp H8S/2114R Datasheet HTML 550Page - Renesas Technology Corp H8S/2114R Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 499 of 986
REJ09B0098-0300
15.10.6
Restrictions on Using DTC
When the external clock source is used as a synchronization clock, update TDR by the DTC and
wait for at least five
φ clock cycles before allowing the transmit clock to be input. If the transmit
clock is input within four clock cycles after TDR modification, the SCI may malfunction (figure
15.35).
When using the DTC to read RDR, be sure to set the receive end interrupt source (RXI) as a DTC
activation source.
t
D0
LSB
Serial data
SCK
D1
D3
D4
D5
D2
D6
D7
Note: When external clock is supplied, t must be more than four clock cycles.
TDRE
Figure 15.35 Sample Transmission using DTC in Clocked Synchronous Mode
15.10.7
SCI Operations during Mode Transitions
(1)
Transmission
Before making the transition to module stop, software standby, or sub-sleep mode, stop all
transmit operations (TE = TIE = TEIE = 0). TSR, TDR, and SSR are reset. The states of the output
pins during each mode depend on the port settings, and the pins output a high-level signal after
mode is cancelled and then the TE is set to 1 again. If the transition is made during data
transmission, the data being transmitted will be undefined.
To transmit data in the same transmission mode after mode cancellation, set TE to 1, read SSR,
write to TDR, clear TDRE in this order, and then start transmission. To transmit data in a different
transmission mode, initialize the SCI first.
Figure 15.36 shows a sample flowchart for mode transition during transmission. Figures 15.37 and
15.38 show the pin states during transmission.
Before making the transition from the transmission mode using DTC transfer to module stop,
software standby, or sub-sleep mode, stop all transmit operations (TE = TIE = TEIE = 0). Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com